Part Number Hot Search : 
SL1505 01906 LM324A 1336M D2587P59 1217M KL07ES A1205LLH
Product Description
Full Text Search
 

To Download IEC-1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10/100 industrial media converter, sc sm 20km -40 to 75c overview levelone IEC-1020 is an industrial fast ethernet media converter with a rugged aluminium case which providing superb heat dissipation. this converter is designed to be mounted on an industrial standard din-rail, plus the clearly visible status leds provide simple monitoring of port link activity. it also features link fault pass through in order to alert remote location when link status changes fault detection relay contact sends alert signal when the power failed or a port link disconnected, therefore the system operator can respond quickly. this relay contact can be easily congured with a simple dip switch. features - 100base-fx single-mode ber for the link up to 20 kilometers - complies with nema ts1 & ts2 environmental requirements for trac control equipment - complies with iec61000-6-2 emc generic standard immunity for industrial environment - isa 12.12.01 (ul1604) class i, division 2 classied for use in hazardous locations with dc terminal block power - dip switch conguration for "link-fault-pass-through," link down alarm, speed, duplex mode - 128k bits buer memory - 10/100mbps-full/half-duplex, auto-negotiation, auto-mdi/mdix - full wire-speed forwarding rate - alarms for power and port link failure by relay output - -40c to 75c (-40f to 167f) operating temperature range, tested for functional operation @ -40c to 85c (-40f to 185f) - ip30 aluminum case - supports din-rail mounting installation safety complies with nema (national manufacturers association) ts1 & ts2 environmental certied for the trac control equipment that withstand extreme temperatures, operating voltage and humidity uctuation, vibration and shock commonly experienced in severe outdoor environments. high reliability all components are built to withstand harsh environment applications without compromise where humidity, temperature variation and even shock vibration are concerns, including electric & utility, critical infrastructure, transportation and surveillance security. this device operates under -40 to 75 celsius (-40 to 167 fahrenheit) temperature. IEC-1020 diagrams unit: mm side buttom back top front f a ul t gnd pwr2 pwr1 gnd 50 13 5 11 0 dc terminal block
order information IEC-1020 - 10/100 industrial media converter, sc sm 20km -40 to 75c specications package contents IEC-1020 quick installation guide www.level1.com one world_one brand_one level_ t echnology standards ieee802.3 10base-t , ieee802.3u 100base-tx/100base-fx, ieee802.3x forward and filtering rate 14,880pps for 10mbps 148,810pps for 100mbps packet buf fer memory 128k bits processing t ype store-and-forward half-duplex back-pressure and ieee802.3x full-duplex flow control environment operating t emperature -40c to 75c (-40f to 167f) t ested @ -40c to 85c (-40f to 185f) storage t emperature -40c to 85c (-40f to 185f) ambient relative humidity 5% to 95% (non-condensing) regulatory approvals iso manufactured in an iso9001 facility safety hazardous locations: class 1, division 2 group a,b,c&d ul60950-1, en60950-1, iec60950-1 emi fcc part 15, class a en61000-6-3 - en55022 - en61000-3-2 - en61000-3-3 ems en61000-6-2 - en61000-4-2 (esd standards) contact: + / - 4kv air: + / - 8kv - en61000-4-3 (radiated rfi standards) 10v/m, 80 to 1000mhz; 80% am - en61000-4-4 (burst standards) signal ports: + / - 4kv d.c. power ports: + / - 4kv - en61000-4-5 (surge standards) signal ports: + / - 1kv ; line-to-line d.c. power ports: + / - 0.5kv ; line-to-earth - en61000-4-6 (induced rfi standards) signal ports: 10v rms @ 0.15 - 80mhz; 80% am d.c. power ports: 10v rms @ 0.15 - 80mhz; 80% am - en61000-4-8 (magnetic field standards) 30a/m @ 50, 60hz environmental t est compliance iec60068-2-6 fc (v ibration resistance) 5g @ 10 - 150hz, amplitude 0.35mm (operation/storage/ t ransport) iec60068-2-27 ea (shock) 25g @ 1 1ms (half-sine shock pulse; operation) 50g @ 1 1ms (half-sine shock pulse; storage/t ransport) fed std 101c method 5007.1 (free fall w/ package) -t ested with cross w eight and drop high standard table nema ts1/2 environmental requirements for traffic control equipment power input input v oltage: 10 to 48vdc (dc t erminal block) or 12vdc (dc jack , optional) power consumption 4.32w max. 0.36a @ 12vdc, 0.09a @ 48vdc overload current protection present reverse polarity protection present mechanical casing aluminum case ip30 dimensions 50mm (w) x 1 10mm (d) x 135mm (h) (1.97" (w) x 4.33" (d) x 5.31" (h)) w eight 0.8kg (1.76lbs.) installation din-rail (t op hat type 35mm) interface ethernet port 10/100base-tx: 1 port 100base-fx: 1 port led indicators per unit: power status (power 1, power 2, fault), link-fault-pass-through per port: 10/100tx: link/activity , full-duplex/collision, speed 100fx: link/activity , full-duplex/collis ion relay contact relay contact rating with current 1a @ 30vdc, 0.5a @ 120v ac mtbf 108.88 years


▲Up To Search▲   

 
Price & Availability of IEC-1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X